PART |
Description |
Maker |
2SK2110 |
N-Channel MOSFET Low on-resistance RDS(on)=1.5 MAX High switching speed Drain to source voltage VDSS 100
|
TY Semicondutor TY Semiconductor Co., Ltd
|
APT20M22LVFR APT20M22LVFRG |
Power FREDFET; Package: TO-264 [L]; ID (A): 100; RDS(on) (Ohms): 0.022; BVDSS (V): 200; 100 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 100A 0.022 Ohm
|
Microsemi, Corp. Advanced Power Technology
|
HTS00682004FPA20 HTS00631006FPA20 HTS00684875FPA20 |
HTS High Ohmic Values (up to 100 Gohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
|
Vishay Sfernice
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
FS30KM-2 |
30 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220FN MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
FS50KM-2 |
50 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220FN MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
IXTP01N100D IXTP01N100 |
High Voltage MOSFET 0.1 A, 1000 V, 110 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AD From old datasheet system
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PFS729EG PFS725EG PFS716EG PFS706EG PFS712EG PFS71 |
High Power PFC Controller with Integrated High-Voltage MOSFET
|
Power Integrations, Inc.
|
IRS23364DJTRPBF |
High voltage, high speed power MOSFET and IGBT driver for 3-phase applications
|
International Rectifier
|
AUIRS2332JTR |
Automotive High Voltage High Speed power MOSFET and IGBT Driver. Compatible down to 3.3V Logic. Deadtime 0.7us.
|
International Rectifier
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
|