PART |
Description |
Maker |
HS-2520RH01 HS-2520RH |
Op Amp, Single, 20MHz, High Slew Rate 120V/s (Typ), Rad-Hard Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
|
Intersil Corporation
|
HA-253903 HA3-2539-5 HA-2539 |
Op Amp, 600MHz, Very High Slew Rate 600MHz, Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA7-2840-9 HA9P28 |
600MHz Very High Slew Rate Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier 频率600MHz,压摆率甚高运算放大
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
HA1-2539-2 HA1-2539-5 HA-2539 HA3-2539-5 FN2896 |
600MHz, Very High Slew Rate Operational Amplifier From old datasheet system 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate
Operational Amplifier(600MHz、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
HA3-2525-5Z |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
|
Intersil Corporation
|
HA-2842/883 |
Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
|
Harris Semiconductor
|
HA2-2525-5ZR5254 |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
|
Intersil Corporation
|
HA-5002/883 |
Monolithic, Wideband, High Slew Rate, High Output Current Buffer 单片,宽带,高摆率,高输出电流缓冲器
|
Intersil Corporation Intersil, Corp.
|
SE538FE NE538 SE538 SE538N NE538D NE538FE NE538N |
High Slew Rate Op Amp
|
PHILIPS[Philips Semiconductors]
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
|