PART |
Description |
Maker |
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
FM1233E FM1233EC FM1233ED |
3-Pin C Supervisor Circuit From old datasheet system 3-Pin µC Supervisor Circuit
|
Fairchild Semiconductor
|
IMP811 IMP811JEUS-T IMP811LEUS-T IMP811MEUS-T IMP8 |
4-pin レP Voltage Supervisor with Manual Reset 4针,带有手动复位レP的电压监 4-pin μP Voltage Supervisor with Manual Reset 4-pin P Voltage Supervisor with Manual Reset
|
IMP INC. IMP[IMP, Inc]
|
TC1270 TC1270FERC TC1270LERC TC1270MERC TC1270RERC |
4-Pin μP Reset Monitors 4-Pin P Reset Monitors 4-Pin レP Reset Monitors TC1270 and TC1271 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal ...
|
MICROCHIP[Microchip Technology]
|
AT43USB320A AT43USB320ANBSP |
Full-speed USB A compound device, consisting of a 5-port hub, an attached embedded function, and an embedded microc From old datasheet system
|
ramtron Atmel corp
|
STM6321 STM6321LWY6E STM6321LWY6F STM6321MWY6E STM |
5-Pin Supervisor with Watchdog Timer and Push-button Reset
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
TC32MCZB TC32MEDB TC32MEZB TC32M TC32MCDB |
CONNECTOR ACCESSORY ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
STM632107 STM6825TAWY6E STM6825TAWY6F STM6825TJWY6 |
5-pin Supervisor with Watchdog Timer and Push-button Reset(带按钮复位和看门狗定时器引脚监控 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
http:// STMicroelectronics 意法半导
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|