PART |
Description |
Maker |
AN1438 |
LOW NOISE AMPLIFIER OPTIMIZED FOR MINIMUM NOISE FIGURE AT 1.9GHZ USING START420
|
SGS Thomson Microelectronics
|
NNCD5.6H |
Noise clipping diode for ESD noise protection
|
NEC
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
MGA-634P8-TR1G MGA-634P8-BLKG |
Ultra Low Noise, High Linearity Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMI...
|
MAX6225 MAX6225ACPA MAX6225ACSA MAX6225AEPA MAX622 |
Low-Noise Precision 2.5V/ 4.096V/ 5V Voltage References From old datasheet system Low-Noise / Precision / 2.5V/ 4.096V/ 5V Voltage References Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDIP8 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 20-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HA1-5114_883 HA1-5114883 HA4-5114883 HA-5114883 FN |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers SPACER,LED,T1-3/4,HEIGHT .130 EXPANDER From old datasheet system Quad/ Low Noise/ High Performance Uncompensated Operational Amplifier Quad, Low Noise, High Performance Uncompensated Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
RFN25C-N3A RFN25C-Y1B RFN25C1-Y1B RFN25C2-N3B RFN2 |
NOISE SOURCE, 4000-8000MHz, -144dBm/Hz, 30dB, PANEL MOUNT NOISE SOURCE, -149dBm/Hz, 25dB, PANEL MOUNT NOISE SOURCE, 5850-8200MHz, -149dBm/Hz, 25dB, PANEL MOUNT
|
MICRONETICS INC
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
TL071M TL071I TL071C TL071B TL071_01 TL071A TL071A |
LOW NOISE SINGLE JFET OP-AMPS LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|