PART |
Description |
Maker |
DB4 |
Bidirectional DIAC Trigger Diode
|
TAITRON
|
K200 K150 K260 K110 |
HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
|
Dongguan City Niuhang E...
|
VS003E4 |
BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE SSPD Series Silicon Bidirectional Diode Noise clamp for signal line (For low voltage, USB2.0)
|
Sanyo Semicon Device
|
2DEA-2-Q24RLF 2DEA-2-Q24T |
ININET DIODE BIDIRECTIONAL, 20 ELEMENT, SILICON, TVS DIODE Integrated ESD Protection Diode Array BIDIRECTIONAL, 20 ELEMENT, SILICON, TVS DIODE, MO-137
|
Bourns, Inc.
|
JANS1N6120A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|
BR100_031DO-41 BR100_03DO-41 BR100/031DO-41 BR100/ |
Bidirectional Si-Trigger-Diodes (DIAC) 硅双向触发二极管(移民部 Replacement with:DB4
|
Diotec Semiconductor AG Diotec Elektronische
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PIP8.4H2 PHP8.4 PHP8.4H1 PIP208H2 PIP8.4H1 PIP24H1 |
7500 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN 7500 W, BIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, METAL, CASE-11, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN
|
Microsemi, Corp. ProTek Devices MICROSEMI CORP-SCOTTSDALE
|
PESD5V0L1BSF PCF8576DU/2DA/2 PCF8576DU/DA/2 PESD5V |
Ultra low profile bidirectional low capacitance Universal LCD driver for low multiplex rates 35 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
1N6053 1N6040 1N6059 1N6059A 1N6060 1N6060A 1N6058 |
From old datasheet system MSTBA 2,5/18-G-LA MSTBA 2,5/ 3-G-LA SMSTB 2,5/20-G-5,08 BIDIRECTIONAL TRANSIENT ABSORPTION ZENER 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA SMSTB 2,5/24-G-5,08
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
|