PART |
Description |
Maker |
ATA5283 |
Ultra Low Power 125 kHz Wake-up Receiver From old datasheet system
|
AMCC
|
ATA5275 ATA5275-PGQ |
125 kHz TRANSMITTER IC FOR TPM The ATA5275 is an integrated 1.5 A peak current BCDMOS antenna driver IC dedicated as a 125 kHz wake-up channel transmitter for TPM ...
|
Atmel Corp. ATMEL Corporation
|
SIT1630 |
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
|
SiTime Corp.
|
SIT1534 |
Ultra-Small, Ultra-Low Power 1 Hz ?32.768 kHz Programmable Oscillator
|
SiTime Corp.
|
CX4VSM CX4VSCSM1 CX4VSCSM2 CX4VSCSM3 CX4VSCSM4 CX4 |
30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
|
RSG Electronic Components GmbH
|
V3020TP8B V3020SO8A V3020SO8B V3020XTP8B V3020 V30 |
Ultra Low Power 1-Bit 32 kHz RTC
|
EM Microelectronic - MA... EMMICRO[EM Microelectronic - MARIN SA]
|
325152U035JS0E 325393U035JS0E 326152U035JS0E 32529 |
Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR –55 垄陋C to 125 垄陋C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC Cornell Dubilier Electronics Cornell Dubilier Electr...
|
MAX9030 MAX9030AUT-T MAX9030AXT-T MAX9030-MAX9034 |
Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125 QUAD COMPARATOR, 5000 uV OFFSET-MAX, PDSO14 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 DUAL COMPARATOR, 5000 uV OFFSET-MAX, PDSO8 Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators COMPARATOR, 5000 uV OFFSET-MAX, PDSO5 From old datasheet system Low-Cost / Ultra-Small / Single/Dual/Quad Single-Supply Comparators Low-Cost Ultra-Small Single/Dual/Quad Single-Supply Comparators "Low-Cost, Ultra-Small, Quad, Single- Supply Comparator in TSSOP" "Low-Cost, Ultra-Small, Dual, Single- Supply Comparator in SOT23" VOLT COMPARATOR,SINGLE,TSOP,6PIN,PLASTIC "Low-Cost, Ultra-Small, Single, Single- Supply Comparator"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
SIT1552 |
Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
|
SiTime Corp.
|
125323U015AB1B 125243U015AH1B 125203U7R5AK1B |
Type 125 ?5 oC to 125 oC, Ultra-High Temperature, Military Grade
|
Cornell Dubilier Electr...
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|