PART |
Description |
Maker |
ZFSC-2-10G ZFSC-2-10G1 |
Power Splitter/Combiner 2 Way-0掳 50惟 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0 50惟 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0 50Ω 2000 to 10000 MHz Power Splitter/Combiner 2 Way-0° 50Ω 2000 to 10000 MHz
|
Mini-Circuits
|
1N6519 1N6513 1N6515 1N6517 |
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
|
ETC[ETC]
|
CFB949AQ CFD1275AQ CFB949AP CFD1275AP CFD1275R CFB |
2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AQ 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949AQ 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275AP 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFB949AP 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 2500 hFE. Complementary CFB949R 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275P 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AR 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275A 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFB949 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949Q
|
Continental Device India Limited
|
1N5554US 1N5550 1N5550US 1N5551 1N5551US 1N5552 1N |
HIGH CURRENT AXIAL LEAD RECTIFIERS : 200-1000 VOLT, 3.0 AMP, 2000 NANOSECOND RECTIFIER
|
SENSITRON[Sensitron]
|
ZAPD-21 ZAPD-21-N |
500 MHz - 2000 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS ROHS COMPLIANT, CASE F14 Power Splitter/Combiner 2 Way-0 50ヘ 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz
|
Mini-Circuits
|
MIC915 MIC915BMM |
10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10000 SYSTEM GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Dual 135MHz Low-Power Op Amp
|
Micrel Semiconductor,Inc.
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
94SVP157X0016F8 94SVP827X06R3F12 |
CAP 150UF 16VDC 20% 10 X 8MM SMD 0.035 OHM 2670MA 2000 HR - Tape and Reel Cap Aluminum 820uF 6.3V 20% (10 X 12.7mm) SMD 0.014 Ohm 5040mA 2000 hr 105C
|
Vishay Sprague
|
AP77016-B05 |
USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | User's Manual[12/2000] USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | Users Manual[12/2000] USAP77016 - B05的MPEG - 4 CELP语音编解码中间件|用户手册[12/2000]
|
Molex, Inc.
|
MBR1070 MBR1090 MBR1080 MBR10100 MBR1060 MBR1060_D |
SWITCHMODEPower Rectifiers 10 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AC SWITCHMODE⒙ POWER RECTIFIERS SWITCHMODE⑩ Power Rectifiers SWITCHMODE Power Rectifiers SCHOTTKY BARRIER RECTIFIER SWITCHMODE??Power Rectifiers From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semi MOTOROLA[Motorola Inc]
|
|