PART |
Description |
Maker |
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
AAT3110 AAT3110-33 AAT3110IGU-33-T1 AAT3110IGU-5-T |
MicroPower?/a> Regulated Charge Pump MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MAX1759 MAX1759EUB |
Buck/Boost Regulating Charge Pump in uMAX Buck/Boost Regulating Charge Pump in MAX Buck/Boost Regulating Charge Pump in レMAX
|
MAXIM[Maxim Integrated Products]
|
TC7662BEOA TC7662BCOA TC7662B TC7662BCPA TC7662BEP |
The TC7662B is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 15V input to a corresponding – 1.5 to – 15V output using only two low-cost capacitors, eliminating i Analog IC - Datasheet Reference CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
TC7660EV TC1044SEOA TC1044 TC1044S TC1044SCOA TC10 |
Charge Pump DC-TO-DC Voltage Converter The TC1044S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding –1.5V to –12V output using only two low cost capacitors, eliminating in The TC1044S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
LTC1983-3 LTC1983ES6-5 LTYB LTC1983ES6-3 LTPC LTC1 |
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT 100mA Regulated Charge Pump Inverter in ThinSOT
|
LINER[Linear Technology]
|
AL315811 AL3158FSG AL3158FSG-7 AL3158 |
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS Nine-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
|
Diodes Incorporated
|
TC7662A13 |
Charge Pump DC-to-DC Converter
|
Microchip Technology
|
MAX679C_D MAX679EUA MAX679 MAX679C/D |
Regulated 3.3V Charge Pump
|
Maxim Integrated Products, Inc.
|
TC7662ACPA TC7662A TC7662AEPA TC7662AIJA TC7662AMJ |
CHARGE PUMP DC-TO-DC CONVERTER
|
MICROCHIP[Microchip Technology]
|