PART |
Description |
Maker |
M27W201-80K6TR M27W201-200NZ6TR M27W201-80NZ6TR M2 |
2 MBIT (256KB X8) LOW VOLTAGE OTP EPROM Test Spring Probe; Current Rating:3A; Leaded Process Compatible:Yes; Length:0.060"; Peak Reflow Compatible (260 C):No; Tip/Nozzle Style:90 Concave RoHS Compliant: Yes 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SO 0 to 70 Triple 3-Input Positive-AND Gates 14-PDIP 0 to 70 Triple 3-Input Positive-AND Gates 14-SOIC 0 to 70 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-PDIP 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2 MBIT (256KB X8) LOW VOLTAGE OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ISL8843ABZ ISL8843AUZ ISL8843MBZ ISL8843MUZ ISL884 |
Industry Standard Single-Ended Current Mode PWM Controller 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO8 Tools, Tips Soldering; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
Intersil, Corp. Intersil Corporation
|
PO40G-J-119 PO40G-A-119 PO40G-LPR-SMT HRMJ-PO40GJ- |
MIL Standard SMP Compatible Push-on Lock Coaxial Connectors 军用标准兼容的SMP推同轴连接器的锁 MIL Standard SMP Compatible Push-on Lock Coaxial Connectors 军用标准兼容SMP推同轴连接器的锁
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. Microchip Technology, Inc. HIROSE ELECTRIC Co., Ltd.
|
K4S280432I |
(K4S28xx32I) JEDEC standard 3.3V power supply LVTTL compatible
|
Samsung Semiconductor
|
ST6373 ST63E73 ST63T73 |
8-Bit ROM/OTP/EPROM MCUs for Digitally Controlled Multisync/Multistandard Monitors(8位ROM/OTP/EPROM微控制器(8M))
|
意法半导
|
SL3SICS10 |
Interface fully compatible with UHF EPC G2 standard Long-range solutions
|
NXP Semiconductors
|
M27C405 4378 M27C405-90N6TR M27C405-100B1TR M27C40 |
4 Mbit 512Kb x 8 OTP EPROM 4兆位× 8检察官办公512KB的存储器 4 Mbit 512Kb x 8 OTP EPROM 4兆位× 8检察官办公12KB的存储器 Aluminum Electrolytic Radial Lead 5mm Length Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Bulk 4兆位× 8检察官办公12KB的存储器 From old datasheet system 4 Mbit (512Kb x 8) OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ZGP323HEP2032C ZGP323HSP4032C ZGP323HEH4832C ZGP32 |
IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 32K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 32K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
MX49 |
Automotive USB 2.0 Standard Compatible Connector
|
Japan Aviation Electron...
|
MPL135 MPL135-0R4 MPL135-1R0 MPL135-1R5 MPL135-R22 |
Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
|
Delta Electronics, Inc.
|
H7422 H7422-01 H7422P-50 H7422-02 H7422-20 H7422-4 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No OSC 5V SMT PLAS 14X9 CMOS Slidelock; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Photosensor Modules
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|