PART |
Description |
Maker |
STPC |
PC Compatible Embeded Microprocessor
|
STMicroelectronics
|
STPCI01 |
STPC INDUSTRIAL / PC COMPATIBLE EMBEDED MICROPROCESSOR
|
ST Microelectronics
|
CLIENT STPCD0166BTI3 STPCD0175BTI3 STPCD0175BTC3 |
STPC CLIENT DATASHEET / PC COMPATIBLE EMBEDED MICROPROCESSOR
|
ST Microelectronics
|
STPCC01 |
STPC CONSUMER DATASHEET / PC COMPATIBLE EMBEDED MICROPROCESSOR
|
STMicroelectronics
|
QL8025 QL8050 QL8250 QL8325 QL8150 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM 低功耗FPGA配合力性能密度和嵌入式内存
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
CM200S1 CM250S CM200S-32.768KDZF-UT |
EMBEDED WITH HEAT RESISTANT CYLINDER TYPE RoHS Compliant Optional CM200S CM250S
|
ETC List of Unclassifed Manufacturers CITIZEN ELECTRONICS CO., LTD.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
SNAP-IT-RM-UADS |
Controllers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
Opto 22
|
SM6702-27HB SM6702-30HA SM6702-33HB SM6702 SM6702- |
Switches; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PFM Step-up DC/DC Converter
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
ST25E64EM3TR ST24E64 ST24E64EB1TR ST24E64EB6TR ST2 |
(ST24E64 / ST25E64) SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM Power Supply Controller IC; Package/Case:28-SSOP; Supply Voltage Max:5.5V; Leaded Process Compatible:No; Output Voltage Max:3.3V; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount 串行I2C总线延长64K的(8K的8)EEPROM的寻址兼容
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
SM625HRR SM627R SM625 SM625R SM626 SM626HRR SM626R |
Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No SWITCHING REGULATOR POWER OUTPUT STAGES
|
MICRO-ELECTRONICS[Micro Electronics]
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|