PART |
Description |
Maker |
QL4058-0PB456C QL4058-1PB456C QL4058-2PB456C QL405 |
58,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM. FPGA|1008-CELL|CMOS|QFP|240PIN|PLASTIC 58000 usable PLD gate quickRAM ESP combining performance,Density and Embedded RAM FPGA, 1008 CLBS, 131328 GATES, PQFP240 58000 usable PLD gate quickRAM ESP combining performance锛?ensity and Embedded RAM
|
List of Unclassifed Manufacturers QuickLogic Corp. QuickLogic, Corp.
|
QL6250-E-6PS484M QL6250-E-6PT280C QL6250-E-6PQ208I |
FPGA combining performance, density and embedded RAM.
|
QuickLogic
|
QL8050 QL8150 QL8250 QL8025 QL8325 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
|
ETC[ETC]
|
QL8025 QL8050 QL8250 QL8325 QL8150 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM 低功耗FPGA配合力性能密度和嵌入式内存
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
QL4009-1PL68C QL4009-1PL68I |
9,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM.
|
QuickLogic
|
QL3004 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
QL2007 QL2007-0PF144I QL2007-0PL84C QL2007-0PL84I |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件)
|
List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|
PASIC2FPGAFAMILY |
Combining Speed, Density, Low Cost and Flexibility
The Ultimate Verilog / VHDL Silicon Solution
|
quicklogic
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|