PART |
Description |
Maker |
DM74LS155 DM74LS155M DM74LS155N 74LS155 DM74LS156M |
Dual 2-Line to 4-Line Decoder/1-to-4 Line Demultiplexer with Open-Collector Outputs 2-To-4-Line Demultiplexer LS SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDSO16 Dual 2-Line to 4-Line Decoders/Demultiplexers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BZT52C47 BZT52C5V6 BZT52C5V1 BZT52C4V7 BZT52C51 BZ |
Surface mount Zener Diodes Hex Schmitt-Trigger Inverter 14-SSOP -40 to 125 3-Line To 8-Line decoder/Demultiplexer 16-SO -40 to 85 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC -40 to 125 22.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-Line To 8-Line decoder/Demultiplexer 16-SOIC -40 to 85 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual 2-Line To 4-Line Decoder/Demultiplexer 16-SO -40 to 85 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG Microsemi, Corp.
|
74HCT238BQ 74HC238D/T3 74HC238BQ 74HCT238D 74HCT23 |
3-to-8 line decoder/demultiplexer HC/UH SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDSO16 3.90 MM, PLASTIC, MS-012, SOT-109-1, SOP-16 3-to-8 line decoder-demultiplexer HC/UH SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PQCC16 3-to-8 line decoder/demultiplexer
|
NXP Semiconductors N.V.
|
TC74HC139AF TC74HC139AFN TC74HC139AP |
DUAL 2 TO 4 LINE DECODER
|
http:// TOSHIBA[Toshiba Semiconductor]
|
TC74HC139AP TC74HC139APF TC74HC139AF |
Dual 2-to-4 Line Decoder
|
Toshiba Semiconductor
|
HD74LV139A |
Dual 2-to-4 line Decoder / Demultiplexers
|
HITACHI[Hitachi Semiconductor]
|
KS74AHCT155 |
Dual 2-to-4 Line Decoder / Demultiplexers
|
Samsung Electronics
|
TC74HC139AFN TC74HC139AF TC74HC139AP E004757 |
DUAL 2-TO-4 LINE DECODER From old datasheet system
|
Toshiba
|
TC74VHCT139AF TC74VHCT139AFN TC74VHCT139AFT EE0877 |
From old datasheet system DUAL 2-TO-4 LINE DECODER
|
TOSHIBA[Toshiba Semiconductor]
|
M74HC4514TTR M74HC4515M1R M74HC4514 M74HC4514B1R M |
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV. HC45146线译码器/锁存HC45156线译码器锁存刑事调查
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|