PART |
Description |
Maker |
MPAT-584643-10151MS MPAT-584643-10153FS MPAT-58464 |
5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 950 MHz - 1450 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 14000 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 10.95 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 3800 MHz - 4100 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 4000 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2 dB INSERTION LOSS-MAX 3100 MHz - 3500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 8000 MHz - 12000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 18800 MHz - 19600 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 10700 MHz - 11700 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
MAX4717 MAX4717EUB MAX4718EUB MAX4718 |
4.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9/20<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.300MHz Bandwidth.Dual SPDT Analog Switches in UCSP 4.5 /20 , 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP " 4.5|?/20|?, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP" 4.5 з/20 з, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
CY7C342 CY7C342-25 CY7C342-30 CY7C342-35 CY7C342B |
128-Macrocell MAX EPLDs 128宏单元最EPLDs 128-Macrocell MAX EPLDs OT PLD, 40 ns, PQCC68 128-Macrocell MAX EPLDs OT PLD, 25 ns, PQCC68 128-Macrocell MAX EPLDs UV PLD, 40 ns, CQCC68 ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 128-Macrocell MAX® EPLD
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
MAX4655 MAX4655-MAX4658 MAX4657 MAX4656 |
" High-Current, 10|?, SPST, CMOS Analog Switches" From old datasheet system High-Current.10<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.SPST.CMOS Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
TIP812-DOC-20 TIP812-TM-21 TIP812 TIP812-10 TIP812 |
SERCOS Controller SERCOS总线控制 RES 680 OHM 1% 3W SILICONE WW SERCOS总线控制 N-Channel MOSFETs (>500V
900V); Package: PG-TO262-3; VDS (max): 500.0 V; Package: I2PAK (TO-262); RDS(ON) @ TJ=25°C VGS=10: 190.0 mOhm; ID(max) @ TC=25°C: 21.0 A; IDpuls (max): 63.0 A;
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
T308N20TOC |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Eupec Power Semiconductors
|
2PC4081Q 2PC4081R 2PC4081S 2PC4081 |
NPN General Purpose Transistor High current (max. 100 mA) Low voltage (max. 40 V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
|