PART |
Description |
Maker |
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7228LN |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP24
|
Analog Devices, Inc.
|
AD5628BRUZ-1 AD5628BRUZ-2 AD5648BRUZ-2REEL7 |
Octal, 12-14-16 Bit Dac with 10ppm/∑C Max On-Chip Reference in 14-Lead TSSOP SERIAL INPUT LOADING, 2.5 us SETTLING TIME, 12-BIT DAC, PDSO14 Octal, 12-14-16 Bit Dac with 10ppm/?? Max On-Chip Reference in 14-Lead TSSOP Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC1658CS8TRPBF LTC1658CN8PBF LTC1658IN8PBF |
14-Bit Rail-to-Rail Micropower DAC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 12 us SETTLING TIME, 14-BIT DAC, PDSO8 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
LTC1663-8CMS8 LTC1663-8CMS8TRPBF LTC1663CS5TRM |
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO8 10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology, Corp.
|
DAC8840 DAC8840FP DAC8840FS DAC8840FW DAC8840GBC |
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 8-BIT DAC, PDIP24 8-Bit Octal/ 4-Quadrant Multiplying/ CMOS TrimDAC 8-Bit Octal 4-Quadrant Multiplying CMOS TrimDAC 8-Bit, Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX5581AEUP MAX5732BUTN MAX5732AUTN MAX5874EGKTD M |
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO20 32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, QCC56 14-Bit, 200Msps, High-Dynamic-Performance, Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.014 us SETTLING TIME, 14-BIT DAC, QCC68 Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO24 12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 12-BIT DAC, QCC68 3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, 14-BIT DAC, QCC68
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
|