PART |
Description |
Maker |
PS-55JD1-012M1 PS-55JD1-015M1 PS-55JD1-005M1 PS-55 |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2812S with Standard Packaging Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package Hi-Rel DC-DC Standard Triple Converter in a ATO package; A ATO2812T with Standard Packaging Analog IC 模拟IC
|
Electronic Theatre Controls, Inc.
|
OD-800F-18 OD-810-005 |
Hi-Rel RAD Hard IR Emitters
|
OptoDiode Corp
|
IS-139ASRH |
Quad Voltage Comparator, Single/Dual Supply 9-30V, Single Event Rad-Hard 300k
|
Intersil
|
M54HC4051 M54HC4051D |
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
|
STMicroelectronics
|
ISL70002SEHEVAL1Z ISL70002SEHX/SAMPLE ISL70002SEHF |
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
|
Intersil Corporation
|
ISL70001SEH ISL70001SRHEVAL1Z ISL70001SRHF ISL7000 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
HS1-1840RH-8 HS1-1840RH-Q HS9-1840RH_SAMPLE HS1-18 |
16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog 抗辐6通道CMOS模拟抗辐6通道CMOS模拟
|
INTERSIL CORP Intersil, Corp. Harris, Corp. HARRIS[Harris Corporation]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
FSS430R4 FSS430D FSS430D1 FSS430D3 FSS430R FSS430R |
3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3 A, 500 V, 2.7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA 3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3A00V.70欧姆,拉德硬,SEGR耐,N沟道功率MOSFET 3A/ 500V/ 2.70 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|