PART |
Description |
Maker |
KTY10-5 Q62705-K110 Q62705-K71 KTY10 Q62705-K111 Q |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 硅扩展电阻温度传感器引脚塑料封装 AB 6C 3#0 3#12 PIN PLUG BiCMOS Advanced Phase Shift Resonant Controller 20-TSSOP -40 to 85 Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
CFY25-20 CFY25-17 CFY25-23 Q62703-F107 Q62703-F106 |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization) 砷化镓场效应管(低噪声高增益对于前端放大器离子注入平面结构全部镀金) GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization) X BAND, GaAs, N-CHANNEL, RF SMALL SIGNAL, JFET
|
SIEMENS AG
|
KTY16-6 Q62705-K128 |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 硅扩展电阻温度传感器在小型金属房 SENSOR THERMAL MOXIE NTC 75C Silicon Spreading Resistance Temperature Sensor in Miniature Metal Housing
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FAN4800A FAN4800AMY FAN4800ANY FAN4800CMY FAN4800C |
PFC/PWM Controller Combination
|
Fairchild Semiconductor
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
FAN4800A09 FAN4800C FAN4801 FAN4801S FAN4802 FAN48 |
PFC/PWM Controller Combination
|
Fairchild Semiconductor
|
L6563 |
Advanced transition-mode PFC controller
|
STMicroelectronics
|
HA16141P |
PFC and PWM Controller
|
Hitachi Semiconductor
|
DSPIC33FJ32MC202IMM DSPIC33FJ32MC202IML DSPIC33FJ6 |
16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG 16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog 16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
|
Microchip Technology
|