PART |
Description |
Maker |
IRFI530G |
HEXFET POWER MOSFET HEXFET功率MOSFET HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
AM29F016B-120FC AM29F016B-120FI AM29F016B-75FC AM2 |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to the IRFZ44VL with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4610 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU48Z with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4410 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410ZPBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Lead-Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3007 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2505 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7832Z with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3007L with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL1104L with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3007 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3103 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46Z with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB41N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU48Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3707ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404L with Standard Packaging PDP Switch 230V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4233PBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF1404L with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU7833 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7833 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRL2505 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7831 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3007L with Lead Free Packaging x8闪存EEPROM
|
Advanced Micro Devices, Inc. Cinch Connectors
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRL1404L IRL1404S 2227 |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET-R Power MOSFET From old datasheet system HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRLBA3803 IRLBA3803-P IRLBA3803/P IRLBA3803PPBF IR |
30V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package 30V的单个N -沟道HEXFET功率MOSFET的在超级220(到273AA)封 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRFZ44L IRFZ44S IRFZ44STRL IRFZ44STRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package (IRFZ44L / IRFZ44S) HEXFET Power MOSFET
|
IRF[International Rectifier]
|