PART |
Description |
Maker |
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MB89165-PFV MB89163A-PFS MB89165A-PF MB89165A-PFS |
8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 Quadruple 2-Input Exclusive-OR Gates 14-CDIP -55 to 125 Quadruple 2-Input Exclusive-OR Gates 14-CFP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
AT49F8011-70CI AT49F8011-90CI AT49F8011T-90CC AT49 |
ATS-SSK 0525/110 Quadruple 2-Input Positive-NAND Gate 14-SO -40 to 85 Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PBGA48 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
Atmel Corp. Atmel, Corp.
|
HM62256 HM62256A HM62256AFP-10T HM62256AFP-12T HM6 |
32/768-word x 8-bit High Speed CMOS Static RAM Quadruple 2-Input Positive-AND Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 10CKT R/A B-B HOUS ASSY RoHS Compliant: Yes 524352272 Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No Hex Inverters 14-CDIP -55 to 125 JT 55C 55#22D SKT WALL RECP 32,768-word x 8-bit High Speed CMOS Static RAM 32,768字8位高速CMOS静态RAM Triple 3-Input Positive-NAND Gates 14-CDIP -55 to 125 32,768字8位高速CMOS静态RAM Hex Inverters With Open-Collector Outputs 14-CDIP -55 to 125 32,768字8位高速CMOS静态RAM JT 128C 128#22D SKT PLUG Hex Inverters With Open-Collector Outputs 14-CFP -55 to 125
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
AM27C1024 AM27C1024-120DC5 AM27C1024-120DC5B AM27C |
Quad 2-input exclusive-NOR gates with open collector outputs 14-SOIC 0 to 70 Quad 2-input exclusive-NOR gates with open collector outputs 14-PDIP 0 to 70 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 64K X 16 UVPROM, 55 ns, CDIP40 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SO 0 to 70 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位65亩16位)的CMOS存储 64K X 16 UVPROM, 70 ns, CDIP40 1 megabit CMOS EPROM
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC SPANSION LLC
|
AMD27C256 AM27C256-120 AM27C256-120EC AM27C256-120 |
256 Kilobit (32,768 x 8-Bit) CMOS EPROM Circular Connector; No. of Contacts:5; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 8-input positive-NAND gates 14-SO 0 to 70 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 32K X 8 OTPROM, 90 ns, PDSO32 Quadruple 2-Input Multiplexers With Storage 16-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-PDIP 0 to 70 Universal shift / storage registers 20-SOIC 0 to 70 8-input positive-NAND gates 14-SOIC 0 to 70 8-input positive-NAND gates 14-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 256 Kilobit (32/768 x 8-Bit) CMOS EPROM
|
Cypress Semiconductor, Corp. Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
CD4093BC CD4093BCM CD4093BCN CD4093 |
Quadruple Operational Amplifier 14-SO -40 to 125 Quad 2-Input NAND Schmitt Trigger Quadruple Operational Amplifier 14-SOIC -40 to 125 输入与非施密特触发器
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AM27X020 AM27X020-120JC AM27X020-120JI AM27X020-12 |
2 megabit (256K x 8-bit ) CMOS EPROM device 2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-TSSOP -55 to 125 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-CDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-PDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
DM74ALS1008AN DM74ALS1008A DM74ALS1008AM DM74ALS10 |
Quadruple 2-Input AND Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
74AHCT32S14-13 |
QUADRUPLE 2-INPUT OR GATES
|
Diodes
|
UT54ACS08E |
Quadruple 2-Input AND Gates
|
Aeroflex Circuit Techno...
|
74LVC08AS14-13 74LVC08AT14 74LVC08AT14-13 |
QUADRUPLE 2-INPUT AND GATES
|
Diodes Incorporated
|