PART |
Description |
Maker |
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC309B BC307 BC307B BC307C BC308C |
Amplifier Transistors(PNP) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MSD1819A-RT1 MSD1819A-ST1 MSD1819ART1 |
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
BC548BRL1 BC548BZL1 BC548BZL1G BC548CZL1 BC547ARL |
Amplifier Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Transistor NPN Silicon Plastic Transistor Silicon Plastic NPN
|
ONSEMI[ON Semiconductor]
|
MSC2712GT1 MSC2712YT1 |
General Purpose Amplifier Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR General Purpose Amplifier Transistors(通用放大晶体 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
BC327-16 BC327 BC327-25 BC328-25 BC328 BC328-16 |
Amplifier Transistors(PNP Silicon) Amplifier Transistors(PNP) ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
MOTOROLA INC ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
NSBA123JF3T5G NSBA123TF3T5G NSBA143EF3T5G NSBA143Z |
BRT, PNP, 50 V, 100 mA, 100 k, none, SOT-1123 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors (BRT)
|
ON Semiconductor
|
AD8253ARMZ-R71 AD8253ARMZ-RL1 AD8253ARMZ1 AD82241 |
10 MHz, 20 V/μs, G = 1, 10, 100, 1000 i CMOS? Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/渭s, G = 1, 10, 100, 1000 i CMOS庐 Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/楼矛s, G = 1, 10, 100, 1000 i CMOS垄莽 Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/レs, G = 1, 10, 100, 1000 i CMOS㈢ Programmable Gain Instrumentation Amplifier
|
Analog Devices
|
DTC115EM3T5G |
Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
|