PART |
Description |
Maker |
AT45DB1282NBSP AT45DB1282 |
128M bit, 2.7-Volt Only Dual-Interface Flash. This document is only available under NDA. Please cont From old datasheet system
|
Atmel Corp
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
AM29BDD160GB54DKF AM29BDD160GB54DKK AM29BDD160GB54 |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
AMD[Advanced Micro Devices]
|
AT49LV2048A AT49BV2048A AT49LV2048A-70TC AT49LV204 |
2M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot 2M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|
AM29F200AB-150EEB AM29F200AB-70FC AM29F200AB-90SEB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 Dual Retriggerable Monostable Multivibrators 16-SSOP -40 to 85 128K X 16 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存
|
Advanced Micro Devices, Inc. http://
|
K9K4G08U1M |
256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
|
SAMSUNG
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
K9F1G08D0M K9F1G16D0M K9F1G08U0M-YCB00 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight 128M x 8 Bit / 64M x 16 Bit NAND Flash Memory 128M X 8 FLASH 2.7V PROM, 30 ns, PDSO48
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
AM28F010 AM28F010-200JEB AM28F010-150FIB AM28F010- |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 200 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 CMOS Dual Binary Up-Counter 16-TSSOP -55 to 125 CMOS Dual Binary Up-Counter 16-SO -55 to 125 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|