PART |
Description |
Maker |
7660S ICL7660S ICL7660SCBA ICL7660SCPA ICL7660SIBA |
Super Voltage Converter
|
INTERSIL[Intersil Corporation]
|
CMDZ5261B CMDZ5221B CMDZ5222B CMDZ5223B CMDZ5224B |
Super-MINI Zener Diode(榻?撼?靛?20V,瓒?????绾充????) Super-MINI Zener Diode(榻?撼?靛?2.4V,瓒?????绾充????) Super-MINI Zener Diode(榻?撼?靛?3.3V,瓒?????绾充????) SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW/ 5% TOLERANCE Super-MINI Zener Diode(齐纳电压3.3V,超小型齐纳二极管) 3.3 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Super-MINI Zener Diode(齐纳电压9.1V,超小型齐纳二极管) 9.1 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Super-MINI Zener Diode(齐纳电压33V,超小型齐纳二极管) 33 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Super-MINI Zener Diode(齐纳电压6.8V,超小型齐纳二极管) 6.8 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
LEF-C5004T |
Full color LED lamp. Emmitted color: super red, super green, super blue.
|
Letex Technology
|
LEF-C5003D |
Full color LED lamp. Emmitted color: super red, super green, super blue.
|
Letex Technology
|
HDS-0820 HDS-1250 HDS-1025 HDH-1003 HDH-0802 HDH-1 |
Video Speed Hybrid Current Voltage Out D/A Converter PARALLEL, WORD INPUT LOADING, 12-BIT DAC, MDMA24 8-, 10-,12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter 12-Bit Video Speed Hybrid Current Out D/A Converter 8-, 10-, 12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|