PART |
Description |
Maker |
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
ICL7662IBD ICL7662 |
Voltage Inverter, 5V, Input 4.5-20V, or Voltage Doubler to 38.6V CMOS Voltage Converter
|
INTERSIL
|
FXLA108BQX12 FXLA10812 |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
P6KE8V2A P6KE18A P6KE100A P6KE10A P6KE110A P6KE11A |
600 Watt Transient Voltage Suppressors GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
|
Panjit International Inc FAIRCHILD[Fairchild Semiconductor]
|