PART |
Description |
Maker |
74LCXZ162244 74LCXZ162244MEA 74LCXZ162244MEX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26з Series Resistors in the Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp.
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTD |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs 低电6位缓冲器/线与Bushold6з电阻的输出驱动器系列 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74LCXZ16244 74LCXZ16244MEA 74LCXZ16244GX 74LCXZ162 |
Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
PRECI-DIP SA Fairchild Semiconductor
|
74VCXH162244 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild
|
74VCXH16244G 74VCXH16244MTDX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162244MEX MTD48 74LCXH162244MTD 74LCXH162244 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74LCX760 74LCX760MSA 74LCX760MTC 74LCX760SJ 74LCX7 |
BUFFER/DRIVER|DUAL|4-BIT|LCX-CMOS|SOP|20PIN|PLASTIC From old datasheet system Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] http://
|
74VCXH16244 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold From old datasheet system
|
Fairchild
|
74LVT16240 74LVT16240MEA 74LVT16240MTD 74LVTH16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|