PART |
Description |
Maker |
724663-1 755332-1 171822-2 171822-3 171822-4 17182 |
Ultra-Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Economy Interconnection Series Economy Interconnection (EI) Series Connectors
|
Electronic Theatre Controls, Inc. AMP List of Unclassifed Manufacturers
|
HSMP-3892-TR1G HSMP-389F-TR1G HSMP-389B-TR1G HSMP- |
100 V, SILICON, PIN DIODE LEAD FREE PACKAGE-3 HSMP-389x Series, HSMP-489x Series Surface Mount RF PIN Switch Diodes
|
Agilent Technologies, Inc. AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
PIC16C54B-04I/SS PIC16C54B-04/P PIC16C54B-04/SO PI |
ROM-Based 8-Bit CMOS Microcontroller Series 基于ROM位CMOS微控制器系列 SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH-Ether Series, 7618A Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 16KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A 3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
NTC4110 |
(NTC4000 Series) TCXO Leaded Package
|
NEL Frequency Controls
|
6MBP75RTB060 |
IPM-R3 series 600V / 75A 6 in one-package
|
Fuji Electric ETC List of Unclassifed Manufacturers
|
PA01S0512A |
PA01S series 1W DC/DC Converter, SIP-Package
|
Delta Electronics, Inc.
|
1MBI600PX-120 1MBI600PX-12004 |
IGBT Module P-Series 1200V / 600A 1 in one-package
|
Fuji Electric
|
2MBI400VD-060-50 |
IGBT MODULE (V series) 600V / 400A / 2 in one package
|
Fuji Electric
|
2MBI400VB-060-50 |
IGBT MODULE (V series) 600V / 400A / 2 in one package
|
Fuji Electric
|
2MBI75VA-120-50 |
IGBT MODULE (V series) 1200V / 75A / 2 in one package
|
Fuji Electric
|
|