PART |
Description |
Maker |
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT134-600 |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
MAC12D |
Sensitive Gate Triacs
|
ON Semiconductor
|
T2535-800G |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
BT137-600D |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
STP4A60S |
Sensitive Gate Triacs
|
SEMIWELL[SemiWell Semiconductor]
|
BTB06 BTB06A BTB06D BTB06S BTB06T BTA06D BTA06S BT |
SENSITIVE GATE TRIACS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BTA04-400A BTA04-400D BTA04-400S BTA04-400T BTA04- |
SENSITIVE GATE TRIACS
|
Shenzhen Luguang Electronic Technology Co., Ltd
|