PART |
Description |
Maker |
CM3109-00SB CM3109-00SH |
2.0A Source/Sink Bus Termination Regulator for Front Side Bus and DDR Memory Bus Termination
|
California Micro Devices Corp
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
MB86967 MB86967PFV |
LAN Controller with PC Card, ISA Bus, and General-purpose Bus Interfaces
|
FUJITSU[Fujitsu Media Devices Limited]
|
IDTQS3VH16212 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
|
IDT
|
IDT74H16501PA IDT74H16501PV IDT74ALVCH16501 IDT74A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
IDT74ALVCH32501 |
3.3V CMOS 36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
PCA9512A11 PCA9512BD PCA9512BDP |
Level shifting hot swappable I2C-bus and SMBus bus buffer
|
NXP Semiconductors
|
MB86967 MB86967PFV |
LAN Controller with PC Card, ISA Bus, and General-purpose Bus Interfaces
|
Fujitsu Microelectronics
|
IDT81ALVCH16823PA IDT82ALVCH16823PA IDT80ALVCH1682 |
3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|