PART |
Description |
Maker |
QL4016-0PG208M QL4016-0PG208M_883 QL4016-0PL84M QL |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
|
QuickLogic Corp. List of Unclassifed Manufacturers
|
QL6250-E-6PS484M QL6250-E-6PT280C QL6250-E-6PQ208I |
FPGA combining performance, density and embedded RAM.
|
QuickLogic
|
QL2003 QL2003_DS QL2003-0PF100C QL2003-0PF100I QL2 |
3.3V and 5.0V pASIC2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA From old datasheet system 3.3V AND 5.0V PASIC-R 2 FPGA COMBINING SPEED, DENSITY, LOW COST AND FLEXIBILITY 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) FPGA, 192 CLBS, 5000 GATES, 200 MHz, PQCC84
|
List of Unclassifed Manufacturers ETC QuickLogic Corp.
|
QL4058-2PQ208C QL4058-2PQ208I QL4058-4PQ240M QL405 |
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
|
ETC[ETC]
|
QL3004E-0PF100I QL3004E-0PF100M QL3004E-0PL68I QL3 |
4,000 usable PLD gate pASIC 3 FPGA combining high performance and high density.
|
QuickLogic
|
QL4009-4PL68M QL4009 QL4009-0PF100C QL4009-0PF100I |
2.2 UF CERAMIC CAPACITOR 9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内 CAP, 4.7UF /- 20% 25V 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
TDN5-4815WI TDN5-4821WI TDN5-0910WI TDN5-0912WI TD |
The power density of high performance DC/DC converters.
|
TRACO Electronic AG
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
STM32F103X810 STM32F103V8H6TR STM32F103V8H6XXX STM |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|