PART |
Description |
Maker |
DAT40 DAT80 |
(DAT Series) High Voltage / Power Capacitors
|
Murata Electronics
|
ON2175 |
Reflective photosensor Tape end sensor for DAT
|
Panasonic Corporation
|
Z86E30 Z86E40 Z86E3116SSC Z86E3116VEE Z86E3116VSE |
Z8 4K OTP Microcontroller 8-BIT, UVPROM, 16 MHz, MICROCONTROLLER, CDIP40 Z8 4K OTP Microcontroller 8-BIT, UVPROM, 16 MHz, MICROCONTROLLER, CDIP28 Z8 4K OTP Microcontroller Z8 4K的检察官办公室单片机 Z8 4K OTP Microcontroller 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PDSO28
|
ZILOG INC ZiLOG, Inc. Zilog.
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
MB89183 MB89PV180CF-105 MB89P185PFM-105 MB89P185PF |
8-bit Proprietary Microcontroller (MB89181 - MB89185) 8-bit Proprietary Microcontroller 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP64 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, CQFP64
|
Fujitsu Component Limit... Fujitsu Media Devices Fujitsu Limited Fujitsu, Ltd. Fujitsu Component Limited.
|
CY7C601XX0909 CY7C60113-PVXC |
enCoReII Low Voltage Microcontroller 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDSO28 enCoRe II Low Voltage Microcontroller
|
Cypress Semiconductor
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
MB90F343CESPF MB90F343CE MB90F343CEPF MB90F343CEPF |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-bit Microcontroller 16-bit Microcontroller
|
Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Media Devices Limited Fujitsu Component Limit...
|
AT80C54X2ZZZ-3CSUL AT80C58X2ZZZ-3CSUL AT80C54X2ZZZ |
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 GREEN, PLASTIC, DIP-40 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, LCC-44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 GREEN, VQFP-44 8BIT AT87 CISC 32KB OTP 60MHZ 5V 44VQFP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation http:// Atmel, Corp.
|
|