PART |
Description |
Maker |
MC33091A |
HIGH SIDE TMOS DRIVER 95 R0
|
Motorola
|
MCZ33198 |
Automotive High-Side TMOS Driver
|
Freescale Semiconductor
|
33285 |
Dual High-Side TMOS Driver 双高边的TMOS驱动
|
飞思卡尔半导体(中国)有限公司
|
TLD1313EL TLD1313EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Marl International Limi... Infineon Technologies A...
|
ISL6801AB ISL6801AB-T |
High Side Driver, N-Channel MOSFET, Bootstrap Supply High Voltage Bootstrap High Side Driver
|
Intersil Corporation
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
TLE82453-3SA TLE82453-3SA-15 |
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
|
Infineon Technologies A...
|
DGD21064 DGD21064S14-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
|
Diodes Incorporated
|