PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
MC14504B-D |
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
|
ON Semiconductor
|
MAX4580 MAX4580CAE MAX4580CPE MAX4580CWE MAX4580EA |
1.25<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST.CMOS Analog Switches 1.25Ω、双路SPST、CMOS模拟开 1.25з, Dual SPST, CMOS Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1.25 / Dual SPST / CMOS Analog Switches 1.25, Dual SPST, CMOS Analog Switches 1.25, Dual SPST,CMOS Analog Switches 1.25 Dual SPST CMOS Analog Switches 1.25? Dual SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|