PART |
Description |
Maker |
IRG4PC30W IRG4PC30WPBF |
Insulated Gate Bipolar Transistors (IGBTs)(绝缘栅型双极型晶体管) 绝缘门双极晶体管(IGBTs)(绝缘栅型双极型晶体管 INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A) 600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC20S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
IRG4BC30U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4PC50S-P |
600V DC-1 kHz (Standard) Discrete IGBT in a SM TO-247 package
|
International Rectifier
|
IRG4RC10 IRG4RC10K IRG4RC10KTR IRG4RC10KTRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Discrete IGBT in a D-Pak package
|
International Rectifier
|
IRG4PC40 IRG4PC40F IRG4PC40F-EPBF |
600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A) 49 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN
|
IRF[International Rectifier] Vishay Intertechnology, Inc.
|
IRG4RC10S IRG4RC10 IRG4RC10STR IRG4RC10STRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
25MT060WF |
FULL-BRIDGEIGBTMTP FULL-BRIDGE IGBT MTP 600V Warp 20-100 kHz Full-Bridge IGBT in a MTP package
|
InternationalRectifier IRF[International Rectifier]
|
8ETL06FP 8ETL06S 8ETL06-1 8ETL06 |
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 600V 8A Hyperfast Discrete Diode in a TO-220 FullPak package 600V 8A Hyperfast Discrete Diode in a TO-262 package 600V 8A Hyperfast Discrete Diode in a D2Pak package 600V 8A Hyperfast Discrete Diode in a TO-220AC package Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 超低VF Hyperfast整流器不连续模式PFC
|
IRF[International Rectifier] International Rectifier, Corp.
|