PART |
Description |
Maker |
KK7406 KK7406D KK7406N |
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
|
KODENSHI KOREA CORP.
|
IN7406D IN7406 IN7406N IZ7406 |
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs 六角逆变器缓冲器/驱动与开放集电极高压输出
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.]
|
HD74164 HD74S10 HD74S11 HD74S112 HD74S113 HD74S114 |
TTLHD74/HD74SSeries Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-3P; Current Rating:15A; Forward Current:0.03A; Forward Voltage:0.76 Hex Noninverting Buffers With Open-Collector Outputs 14-CDIP -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 20-LCCC -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 14-CFP -55 to 125 VARACTOR-33.0 PF AT 4 V TTLHD74/HD74S系列 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 TTL电HD74/HD74S系列 D-AM RADIO TUNING DIODE TTL HD74/HD74S Series
|
http:// HITACHI[Hitachi Semiconductor]
HITACHI
Hitachi,Ltd.
|
C501 Q67127-C970 SAB-C501G-L40P SAB-C501G-L40N Q67 |
High Speed CMOS Logic 8-Input Multiplexer/Register with 3-State Outputs 20-PDIP -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
Infineon Technologies A... Infineon Technologies AG SIEMENS AG
|
N8T95 |
(N8T95 - N8T98) High Speed Hex 3-State Buffers/Inverters
|
Signetics
|
SDT12S60 Q67040-S4470 |
High Speed CMOS Logic Hex Inverting Buffers 16-SOIC -55 to 125 Silicon Carbide Schottky Diodes - 12A diode in TO220-2 package
|
Infineon Technologies A... Infineon Technologies AG
|
ICS853014 ICS853014BG ICS853014BGLF ICS853014BGLFT |
Hex inverter buffers / drivers with high-voltage outputs 14-SOIC 0 to 70 From old datasheet system LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER Low Skew, 1-to-5, Differential-to-LVPECL Fanout Buffer. Industrial Temperature. Improved Performance.
|
ICST[Integrated Circuit Systems]
|
NLV14049UBDR2G NLV14049UBDG MC14049UBDG |
Hex Buffers
|
ON Semiconductor
|
GD74LS06 |
Hex Inverted Buffers
|
LG Semicon
|
HEF4049BN |
HEX inverting buffers
|
NXP SEMICONDUCTORS
|
HEF4050B HEF4050BD HEF4050BF HEF4050BN HEF4050BP H |
HEX non-inverting buffers
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ISL6801AB-T ISL6801 ISL6801AB |
Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 High Voltage Bootstrap High Side Driver
|
INTERSIL[Intersil Corporation]
|