PART |
Description |
Maker |
LTC3851AMPMSE-1TRPBF LTC3851A-1-15 |
0.05 A SWITCHING CONTROLLER, 810 kHz SWITCHING FREQ-MAX, PDSO16 LEAD FREE, PLASTIC, MSOP-16 Synchronous Step-Down Switching Regulator Controller
|
Linear Technology, Corp.
|
BD9730KV |
0.03 A SWITCHING CONTROLLER, 700 kHz SWITCHING FREQ-MAX, PQFP48 5-Channel Switching Regulator Controller for Digital Still Camera
|
Rohm
|
GENERLCCOMPONENT SIC401ACD-T1-GE3 8834 575-4 SIC40 |
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
BA9744FV A5800966 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
ML4871 ML4871CS-5 ML4871ES-5 ML4871CS-3 ML4871ES-3 |
2 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO8 Replaced by PCI4410A : PC Card and OHCI Controller 209-BGA MICROSTAR 0 to 70 High Current Boost Regulator
|
Micro Linear Corporation
|
MAX637BC/D MAX635BC/D MAX636BC/D MAX637AMJA/HR MAX |
Voltage-Mode SMPS Controller 0.525 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 0.525 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.525 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, CDIP8
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1435ACSTRPBF |
High Efficiency Low Noise Synchronous Step-Down Switching Regulator 2 A SWITCHING CONTROLLER, 138 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
ISL6554CB ISL6554CB-T ISL6554CBZ ISL6554CBZA ISL65 |
PWM Controller with Wide Input Range 8-PDIP 微处理器核心电压调节器的多相降压PWM控制没有可编程德鲁普 Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1530IS8-3.3 LTC1530IS8-1.9TRPBF LTC1530IS8-2.5 |
Isolated Flyback Switching Regulator with 9V Output High Power Synchronous Switching Regulator Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology Corporation
|