PART |
Description |
Maker |
AM42DL16X2D |
16 Mbit (2 M x 8-Bit/1 M x 16-Bit) CMOS and 2 Mbit (128 K x 16-Bit) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
AM49LV4608MB15IS AM49LV4608MT10IT AM49LV6408MB10I |
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
|
SPANSION[SPANSION]
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
SST34HF1681-90-4E-L1P SST34HF1601-90-4C-L1P SST34H |
Self-Calibrating, 16-Bit Analog-to-Digital Converter 6-SOT-23 -40 to 85 16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory 16兆位的SuperFlash 8兆位并行SRAM的ComboMemory
|
Silicon Storage Technology, Inc.
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM45DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM49LV6408MT15I AM49LV4608MT15IS AM49LV4608MT15IT |
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) 堆叠式多芯片封装(MCP64兆位个M × 16位)闪存兆位(为512k × 16位) Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM 堆叠式多芯片封装(MCP64兆位个M × 16位)闪存兆位(为512k × 16位)伪静态存储器 Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM 堆叠式多芯片封装(MCP4兆位个M × 16位)闪存兆位(为512k × 16位)伪静态存储器
|
Spansion, Inc. Spansion Inc.
|
M29W064FB90N3E M29W064FB90N3F M29W064FT |
64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
SST25VF020 |
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Spi Serial Flash
|
SST
|
DD28F032SA DD28F032SA-070 DD28F032SA-080 |
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile⑩ MEMORY
|
Intel Corporation
|
AM41DL6408G25IS AM41DL6408G25IT AM41DL6408G45IS AM |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存兆位 M中的x 8-Bit/512x 16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 64兆位米8 4米x 16位).0伏的CMOS只,同时作业闪存兆位 M中的x 8-Bit/512亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|