PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162373 74LCXH162373MTX 74LCXH162373GX 74LCXH |
Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistor Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistor Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistor Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resitor Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16373MTDX |
Low Voltage 16-Bit Transparent Latch with Bushold
|
Fairchild Semiconductor
|
74LVT16373 74LVT16373MEA 74LVT16373MTD 74LVTH16373 |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor
|
74ALVCH16373 74ALVCH16373DT 74ALVCH16373DTR 74ALVC |
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
|
ON Semiconductor
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74VCXH162373_05 74VCXH162373 74VCXH162373MTD 74VCX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH32373GX 74LVT32373GX 74LVT32373 74LVTH32373 |
From old datasheet system Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVTH162373 74LVTH162373MEA 74LVTH162373MEX 74LVT |
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor
|
74VCXH16373DT 74VCXH16373 74VCXH16373DTRG 74VCXH16 |
Low−Voltage 1.8/2.5/3.3 V 16−Bit Transparent Latch
|
ONSEMI[ON Semiconductor]
|
74VCX162373_05 74VCX162373 74VCX162373MTD 74VCX162 |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|