PART |
Description |
Maker |
74VCXH32245LBR 74VCXH32245 74VCXH32245LB |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER(3-STATE) WITH 3.6V TOLERANT INPUT AND OUTPUT LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 低电压CMOS 32位总线收发器(3 - TOLERANTAT国家.6V的输入和输出
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74VCX164245 74VCX164245GX 74VCX164245MTDX |
Single 8-bit Bus Transceiver Low Voltage 16-Bit Dual Supply Translating Transceiver
|
Fairchild
|
74LCX16245MTD 74LCX16245MTDX 74LCX16245 74LCX16245 |
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX32245 74LCX32245G 74LCX32245GX |
Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP -40 to 85 LVC/LCX/Z SERIES, DUAL 16-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16652 74LVTH16652MEA 74LVTH16652MTD |
Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 LVT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH646 74LVTH646MTCX 74LVTH646WMX |
LVT SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 4.40 MM, MO-153, TSSOP-24 From old datasheet system Low Voltage Octal Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
TC7MPS3125FTG |
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7MPN3125FTG |
Low Voltage/Low Power 2-Bit 2 Dual Supply Bus Transceiver 低电低功位双电源总线收发
|
Toshiba, Corp.
|
74ALVCH32245 74ALVCH32245LB 74ALVCH32245LBR |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics ST Microelectronics
|
MC74LCX16245DTR2 |
Low-Voltage CMOS 16-Bit Transceiver
|
ON Semiconductor
|