PART |
Description |
Maker |
20PT1024SX |
10/100 BASE-TX DUA PORT TRANSFORMER
|
Bothhand USA, LP.
|
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
ADCMP600NBSP ADCMP600 ADCMP600BRJ-RL |
COMPARATOR, 5000 uV OFFSET-MAX, 3 ns RESPONSE TIME, PDSO5 From old datasheet system ADCMP600 - Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 and SOT-23
|
ANALOG DEVICES INC
|
MCP4019T-502E_LT MCP4019 MCP4017T-502E_LT MCP4017- |
7-Bit Single I2C Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
ADM6384YKS26D3Z-R7 ADM6384YKS23D3Z-R7 |
Microprocessor Supervisory Circuit in 4-Lead SC70; Package: SC70; No of Pins: 4; Temperature Range: Automotive 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Analog Devices, Inc.
|
2SC1573B 2SC1573A 2SC1573 2SC1573BQ 2SC1573AP 2SC1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 400V五(巴西)总裁|提供70mA一(c)|2 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 70MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Panasonic, Corp. Matsshita / Panasonic
|
ADM8616WCYAKSZ-RL7 ADM8617SAYAKSZ-RL72 ADM8616ZCYA |
Low Voltage Supervisory Circuit with Watchdog in 4-Lead SC70; Package: SC70; No of Pins: 4; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO4 Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70 Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
|
Analog Devices, Inc.
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
2SC3944/2SC3944A 2SC3944AQ |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 1A条一(c)|的SOT - 186
|
Pericom Technology (Shanghai) CO., Ltd.
|
NJU7333 NJU7333R |
Single-phase DC Brushless Motor Driver IC From old datasheet system Single-phaseDC Brushless Motor Driver IC 3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
CD40160 CD40160BMS CD40161 CD40161BMS CD40162 CD40 |
Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 同步可编程的CMOS 4位计数器 CMOS Synchronous Programmable 4-Bit Counters From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM809-5LARTZ-RL7 ADM809-5LAKSZ-RL7 ADM809-5SAKS-R |
Microprocessor Supervisory Circuit in 3-Lead SOT-23 & SC70, Active-Low Push-Pull Output; Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Analog Devices, Inc. ANALOG DEVICES INC
|