PART |
Description |
Maker |
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
1N5817 |
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
|
Pan Jit International Inc.
|
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FMKA130 FMKA130NL |
1.0 Schottky Power Rectifier 1.2 Watt Power Dissipation Package 1.0 Ampere, Forward Voltage Less than 600mV 1.2 Watt Power Dissipation Package 1.0 Ampere/ Forward Voltage Less than 600mV
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TIP140 TIP142 TIP147 TIP141 TIP146 TIP145 |
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-218
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SB1100 SB120 SB160 SB150 SB140 SB180 SB130 |
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere) 1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere) 1安培肖特基(电压5000伏特,电 1.0安培
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International, Inc.
|
2N6340 |
25 AMPERE POWER TRANSISTORS
|
New Jersey Semi-Conductor Products, Inc.
|
2N3442 ON0039 |
Hlgh -Power lndustrlal Translsrors From old datasheet system 10 AMPERE POWER TRANSISTOR NPN SILICON 140 VOLTS 117 WATTS
|
Motorola, Inc. ON Semi
|
2N5991 2N5989 2N5986 2N5987 2N5988 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON
|
Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6377 |
50 AMPERE POWER TRANSISTORS PNP SILICON
|
New Jersey Semi-Conductor Products, Inc.
|
MJH11019G MJH11018G |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 200 V, PNP, Si, POWER TRANSISTOR, TO-218 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 150 V, NPN, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|