PART |
Description |
Maker |
K24C020-DCR-A K24C020-DCR-S K24C020-DCRG-A K24C020 |
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
|
Estek Electronics Co. Ltd
|
1N5819RLG 1N5817 1N5817G 1N5817RL 1N5817RLG 1N5818 |
1A 40V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 1 A, 40 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Rectifiers
|
ONSEMI[ON Semiconductor]
|
UG-042 |
Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
|
Analog Devices
|
C-2-TYPE31.2000K-APBFREE C-2-TYPE31.2000KA-APBFREE |
QUARTZ CRYSTAL RESONATOR, 31.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 160 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.16 MHz - 0.165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032 MHz - 0.038 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 307.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.13 MHz - 0.16 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.0312 MHz - 0.04 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.038 MHz - 0.06 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 20 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.04 MHz - 0.09 MHz QUARTZ CRYSTAL RESONATOR, 0.02 MHz - 0.0312 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 40 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 90 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 120 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 60 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 74 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 130 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 33 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 100 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 38 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032768 MHz QUARTZ CRYSTAL RESONATOR, 0.074 MHz - 0.1 MHz QUARTZ CRYSTAL RESONATOR, 0.09 MHz - 0.13 MHz
|
Epson ToYoCom, Corp. EPSON TOYOCOM CORP
|
MAMF-011038 MAMF-011038-001SMB MAMF-011038-TR3000 |
Lead Free 2 mm 12-lead STQFN package
|
M/A-COM Technology Solu...
|
14KESD22A 14KESD64A 14KESD10A 14KESD100A 14KESD100 |
AXIAL LEAD AXIAL-LEAD TVS KSS 5 AXIAL LEAD 4000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
CKR06BX104KR |
Lead length shown is for parts supplied in bulk. See packaging specifications for lead lengths when not provided in bulk
|
Kemet Corporation
|
225P 225P56301WA1 |
CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.056 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Polyester Capacitors Filmite㈢ “E”, ORANGE DROP㈢, Radial Lead Polyester Capacitors Filmite庐 ???? ORANGE DROP庐, Radial Lead Polyester Capacitors Filmite? “E? ORANGE DROP?, Radial Lead
|
KEMET, Corp. Vishay Siliconix
|
1337668-2 1337668-3 1337668-1 |
EARTH LEAD 2.26MM 150MM EARTH LEAD 2.26MM 200MM 地球.26MM 200毫米 EARTH LEAD 2.26MM 100MM 地球.26MM 100万亿
|
TE Connectivity, Ltd.
|
CD216AXXX CD216A CD216A-B120L CD216A-B120LLF CD216 |
From old datasheet system Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
BOURNS[Bourns Electronic Solutions]
|
72905 72905-0 |
Clip lead for Micro SMD Grabber SMD test clip lead; Color:black INTERCONNECTION DEVICE
|
Pomona Electronics
|