PART |
Description |
Maker |
ST72E751N9D1 |
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
|
STMicroelectronics
|
ST72321BAR7 ST72321BAR9 ST72321BJ6 ST72321BJ9 ST72 |
ST72321B - 64/44-PIN. 8-BIT MCU WITH 32 TO 60K FLASH/ROM.FIVE TIMERS. SPI. SCI. I2C INTERFACE ST72321B - 64/44-PIN8位微控制2点,0,000闪存/ ROM.FIVE定时器。的SPI。脊髓损伤I2C接口
|
NXP Semiconductors N.V.
|
ST72754 ST72T774S9T1 ST72T754S9T1 ST72774J9B1 ST72 |
(ST72T774 - ST72T734) 8-BIT USB MCU FOR MONITORS 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C 8位USB单片机的显示器,高达60K章检察官办公室,000内存,模数转换器,定时器,同步,材质单元,脉宽调的BRM,的H / W DDC 8-BIT USB MCU FOR MONITORS. WITH UP TO 60K OTP. 1K RAM.ADC. TIMER. SYNC. TMU. PWM/BRM. H/W DDC & I2C 8位USB单片机的显示器。高0K章检察官办公室。每1000 RAM.ADC。计时器。同步。材质单元。脉宽调 BRM。的H / W DDC 8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
|
ST Microelectronics STMicroelectronics N.V. http://
|
ST72325 ST7232507 ST72F325K4B5 ST72F325K6B5 ST72F3 |
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
|
STMicroelectronics
|
ST72F521M9T6 ST72F521M9TC ST72F521AR9TC ST72F521R6 |
80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
|
ST Microelectronics
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST10R167-Q3 ST10C167 ST10R167-Q6 |
16-BIT MCU - 4KB RAM - 32KB ROM - 111 I/O - 1 CAN 2.0B INTERFACE 16-BIT MCU - 4KB RAM - 32KB ROM - 111 I/O - 1 CAN 2.0B INTERFACE
|
ST Microelectronics
|
ST72T101G1B3 ST72T101G1B6 ST72T101G1M3 ST72T101G1M |
From old datasheet system 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM,256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
W742EC816 |
4-BIT MCU w/32Kx16 ROM, 5Kx4 RAM, 40 I/Os, 40x16 LCD Driver
|
Winbond Electronics
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
ST72T101G1B3 ST72T101G1M3 ST72T101G2M3 ST72T101G2B |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
ST Microelectronics
|
|