PART |
Description |
Maker |
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
IDT72V295 IDT72V2105 IDT72V2105L10PF IDT72V2105L15 |
128K x 18 SuperSync FIFO, 3.3V 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO?
|
IDT[Integrated Device Technology]
|
IDT72V36110L7.5PFI IDT72V36100L7.5PFI IDT72V36110L |
3.3 VOLT HIGH-DENSITY SUPERSYNC II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II?/a> 36-BIT FIFO
|
Integrated Device Technology, Inc.
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
4302H5-5V 4302H5-12V 4302H1-12V 4302H1-5V 4302H3-1 |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
CML[Chicago Miniature Lamp,inc]
|
RD28F3204W30B70 GT28F640W30T85 |
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
|
Intel Corporation
|
AT29LV020NBSP AT29LV020 |
2M bit, 3-Volt Read and 3-Volt Write Flash From old datasheet system
|
Atmel Corp
|
AT49F040NBSP AT49F040 |
4M bit, 5-Volt Read and 5-Volt Write Flash (Top or Bottom Boot) From old datasheet system
|
Atmel Corp
|
AT27BV4096NBSP AT27BV4096 |
4M bit, x16, 2.7-Volt to 3.6-Volt EPROM From old datasheet system
|
Atmel Corp
|