PART |
Description |
Maker |
AS1324-BTTT-12 AS1324-BTTT-AD AS1324-13 |
1.5MHz, 600mA Synchronous DC/DC Conver ter
|
austriamicrosystems AG ams AG
|
AS1329B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
AS1390A-BQFT AS1390B AS1390B-BSOT |
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
|
ams AG
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|