PART |
Description |
Maker |
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
74LVX16373 74LVX16373TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
74ALVCH162374T 74ALVCH162374 74ALVCH162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
74ALVC162374 74ALVC162374T 74ALVC162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162373 6896 74VCXH162373TTR |
LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
HT47C10L |
R-F Type Low Voltage 8-Bit Mask MCU
|
HOLTEK[Holtek Semiconductor Inc]
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
74LCXH16374_05 74LCXH16374 74LCXH16374MEA 74LCXH16 |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|