PART |
Description |
Maker |
2729-170 |
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100?, 10% 170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100刁, 10%
|
ADPOW[Advanced Power Technology]
|
BVSS123LT1G |
Power MOSFET 170 mAmps, 100 Volts
|
ON Semiconductor
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT30DL60BCT APT30DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
UMA130A UMA120CA UMA12CA UMA11CA UMA120A UMA150A U |
ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|
B39171-B3804-U210 B3804 |
SAW Components Low-loss Filter 170,2 MHz 1 FUNCTIONS, 170.2 MHz, SAW FILTER
|
EPCOS[EPCOS] EPCOS AG
|
UF8J |
SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
|
Yea Shin Technology Co., Ltd
|
CMR1U-02FLSERIES |
1.0A, 200V, 400V and 600V Ultra Fast Recovery Rectifi ers in the SMBFL package
|
Central Semiconductor Corp
|
V23809-C8-C10 INFINEONTECHNOLOGIESAG-V23809-C8-C10 |
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver MM 170 MBd FE/FDDI/ATM Transceiver
|
Infineon Technologies AG
|
ZGL41-100-26 ZGL41-120-26 ZGL41-100A-26 ZGL41-110- |
100 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB PLASTIC PACKAGE-2 120 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB PLASTIC PACKAGE-2 110 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB PLASTIC PACKAGE-2 170 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 160 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|