PART |
Description |
Maker |
1N6148 1N6148A 1N6122 1N6147 1N6153 1N6156 1N6143 |
From old datasheet system HC-B 16-SD-FQ/FS HC-D 15-AP OG BIDIRECTIONAL TRANSIENT SUPPRESSORS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 瞬态电压抑制器 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 瞬态电压抑制器
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE TVS-瞬态抑制二极管 Semtech, Corp.
|
AOZ8251ADI-03 AOZ8251ADI-05 |
Single Channel Bidirectional TVS Diode
|
Alpha & Omega Semicondu...
|
LB1832V |
Low-Saturation 1.5-Channel 3 V Drive Bidirectional Driver
|
Sanyo Semicon Device
|
PESD5V0U1BA PESD5V0U1BB PESD5V0U1BL PESD5V0U1BB115 |
Ultra low capacitance bidirectional ESD protection diodes; Package: SOD523 (SC-79); Container: Tape reel smd BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
NXP Semiconductors N.V. Philips Semiconductors
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PESD5V0L1BSF PCF8576DU/2DA/2 PCF8576DU/DA/2 PESD5V |
Ultra low profile bidirectional low capacitance Universal LCD driver for low multiplex rates 35 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors
|
CBTL04082A CBTL04082ABS CBTL04082BBS |
CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
|
NXP Semiconductors
|
MAX6314US35D4T MAX6314US41D1T |
68HC11/Bidirectional-Compatible µP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Maxim Integrated Products, Inc.
|
1N6053 1N6040 1N6059 1N6059A 1N6060 1N6060A 1N6058 |
From old datasheet system MSTBA 2,5/18-G-LA MSTBA 2,5/ 3-G-LA SMSTB 2,5/20-G-5,08 BIDIRECTIONAL TRANSIENT ABSORPTION ZENER 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA SMSTB 2,5/24-G-5,08
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
1SMA10CAT306 1SMA78CAT3G 1SMA10CAT3 1SMA10CAT3G 1S |
Plastic Surface Mount Bidirectional Zener Overvoltage Transienc Suppressor(塑料表贴封装,峰值功00W,变位电压24V,双向齐纳瞬变电压抑制 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
ADG3300 ADG3300BRUZ ADG3300BRUZ-REEL7 |
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial SPECIALTY INTERFACE CIRCUIT, PDSO20
|
Analog Devices, Inc.
|