PART |
Description |
Maker |
SGS5N150UF SGS5N150 SGS5N150UFTU |
Discrete, High Performance IGBT General Description
|
FAIRCHILD[Fairchild Semiconductor]
|
SGL160N60UFDTU |
Discrete, High Performance IGBT with Diode; Package: TO-264; No of Pins: 3; Container: Rail
|
FAIRCHILD SEMICONDUCTOR CORP
|
SGP13N60UF SGP13N60UFTU |
Ultra-Fast IGBT Discrete, High Performance IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
SGF23N60UF SGF23N60UFTU |
Discrete, High Performance IGBT Ultra-Fast IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
SGR6N60UFTF |
Discrete, High Performance IGBT; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
FMMT589 FMMT589TA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
|
Diodes Incorporated
|
SGL160N60UFD SGL160N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 160 A, 600 V, N-CHANNEL IGBT, TO-264AA Ultrafast IGBT Discrete, High Performance IGBT with Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
CY3732VP352200AXC CY3764VP352200AXC CY37128VP35220 |
5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PQFP208 EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208 EE PLD, 15 ns, PQFP100 PLASTIC, TQFP-100 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQFP208 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA256 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA352 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 20 ns, PBGA352
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
CY37512P256-100BGC CY37512P256-83BGI CY37032P44-15 |
5V, 3.3V, ISR??High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP100 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQFP44 5V/ 3.3V/ ISR High-Performance CPLDs 5V, 3.3V, ISR?/a> High-Performance CPLDs 5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISR?High-Performance CPLDs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. http://
|
|