PART |
Description |
Maker |
TSOP17..XG1 TSOP1730XG102 UC1682XFBZ UPC8232T5N-E2 |
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 同步降压型DC / DC转换器内置LDO的同时加电压检测器调节 High Performance 8-bit Microcontroller HIGH-VOLTAGE MIXED-SIGNAL IC B IPOLAR ANALOG INTE GR ATE D CIR CUIT
|
Torex Semiconductor, Ltd. ETC CEL TOREX[Torex Semiconductor]
|
PE87FL1013 |
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
|
Pasternack Enterprises,...
|
EVAL-ADG936EB ADG936 ADG936BCP ADG936BCP-500RL7 AD |
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT 宽带4千兆赫,36千兆赫的CMOS 1.65 V分贝.75 V的隔离,双路SPDT Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC20
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
GENE-8315 TF-GENE-8315-A10-01 TF-GENE-8315-A10-02 |
Onboard Intel? ULV Celeron? M 600 MHz/ 1.0 GHz or Intel? Celeron? M 1.3 GHz (Optional)/ 1.5 GHz Processors
|
AAEON Technology
|
87310B 87300B 87300C 87301D |
87310B Coaxial Hybrid Coupler 90 Degree 1 GHz to 18 GHz 87301B Coaxial Directional Coupler 10 to 46 GHz
|
Agilent (Hewlett-Packard)
|
PE-W90TF006-24 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
PE71S2016 |
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
PEWCP1048 |
WR-62 30 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
|
Pasternack Enterprises,...
|
PE-W90SF005-24 |
WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
ADW54011Z-0REEL7 EVAL-ADG904EBZ EVAL-ADG904REBZ |
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
|
Analog Devices
|