PART |
Description |
Maker |
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SA1412-Z |
High Voltage: VCEO=-400V High speed:tr 0.7ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
2SC5466 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING AND HIGH VOLTAGE AMPLIFIER APPLICATIONS.
|
TOSHIBA
|
2SC4256 |
NPN Triple Diffused Planar Silicon Transistor 1200V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
PS2633 PS2633L PS2634 PS2634L |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
|
http:// NEC[NEC]
|
MMBT5550 |
High Voltage FET-Input Operational Amplifier 8-SO PowerPAD NPN (HIGH VOLTAGE TRANSISTOR)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FJP3305H1 FJP3305H1TU FJP3305H2 FJP3305H2TU |
High Voltage Fast-Switching NPN Power Transistor High Voltage Capability
|
Fairchild Semiconductor
|