PART |
Description |
Maker |
M48T35-70PC1E M48T35-70PC1F M48T35-70PC6E M48T35-7 |
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM 256 Kbit (32Kb x 8) ZEROPOWER SRAM(256K位零功耗静态RAM)
|
STMicroelectronics 意法半导
|
M48Z35AV-10PC1 M48Z35Y-70PC6TR M48Z35 M48Z35-70MH1 |
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256 KBIT (32KB X 8) ZEROPOWER SRAM 256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256千位2千位× 8)ZEROPOWER的SRAM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
M27C256B-12XF1 |
256 Kbit (32Kb x 8) EPROM, 5V, 120ns
|
SGS Thomson Microelectronics
|
M48T35-70PC1 M48T35Y-70MH6E M48T35Y-70MH6F M48T35Y |
256 KBIT (32KB X8) TIMEKEEPER SRAM
|
ST Microelectronics
|
M48T35-70PC1 M48T35 |
256 KBIT (32KB X8) TIMEKEEPER SRAM From old datasheet system
|
ST Microelectronics
|
M28256 M28256-12BS1T M28256-12BS6T M28256-12KA1T M |
From old datasheet system 256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection 256K (32K X8) PARALLEL EEPROM WITH SOFTWARE DATA PROTECTION 1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
M87C257-20C1TR M87C257-20C3TR M87C257-20C6TR M87C2 |
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M48T35AY04 M48T35AV-10PC1E M48T35AV-10PC1F M48T35A |
REAL TIME CLOCK, PDSO28 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER㈢ SRAM 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER庐 SRAM 5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
UHR-5/4000-D48 UHR-12/1650-D48 UHR-12/1650-D12 UHR |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 型DC - DC电压转换 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 型DC - DC电压转换
|
EEPROM NIC Components, Corp. PLX Technology, Inc.
|
M24512-WMW6TP M24256-BR M24256-BRDW6G M24256-BRDW6 |
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
|
STMICROELECTRONICS[STMicroelectronics]
|
PSD834210MT PSD834210MIT |
Flash PSD / 3.3V Supply / for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
|
ST Microelectronics
|
M27C256B-15XF1TR M27C256B-15XF6X M27C256B-15XF7TR |
CAP 0.1UF 50V 20% Z5U DIP-2 TUBE 256千位(的32KB × 8)紫外线存储器和OTP存储 ER 2C 2#12 SKT RECP LINE 256千位(的32KB × 8)紫外线存储器和OTP存储 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM 256千位(的32KB × 8)紫外线存储器和OTP存储 CAP 100PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200UF 450V ELECT SCREW TERM Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:210000uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:200000uF RoHS Compliant: Yes ER 14C 14#16 SKT RECP BOX TVS ARRAY, MULTIGUARD 5.6V 2 ELEMENTTVS ARRAY, MULTIGUARD 5.6V 2 ELEMENT; Voltage, varistor at 1mA:8.5V; Voltage, varistor at 1mA min:6.8V; Voltage, varistor at 1mA max:10.2V; Energy, transient:50J; Current, peak 8/20us max:15A; ER 1C 1#4 PIN RECP WALL CAP 10PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR ER 4C 2#16 2#12 PIN RECP WALL CAP 820PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 200V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8.2PF 100V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 8.2PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 91PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED PWR SPLY LINEAR SINGLE 12V@10.2A HOLDER CIRCUIT BOARDS ESD SAFE Mounting Bracket; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No CAP 8.2PF 50V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR SERV SWITCH USB COAX CPU CABLES 75 FT CONNECTOR ACCESSORY 256 KBIT (32KB X8) UV EPROM AND OTP EPROM 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
|
Samsung Semiconductor Co., Ltd. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|