PART |
Description |
Maker |
LTC4242 |
Dual Slot Hot Swap Controller for PCI Express
|
Linear Technology
|
MIC2580A MIC2580A-1 MGF1402B MH88435AD-P MH88435 |
Data Access Arrangement LOW NOISE GaAs FET Hot-Swap PCI Power Controller
|
MITEL[Mitel Networks Corporation] Mitsumi Electronics, Corp. MITSUBISHI MITSUMI[MITSUMI ELECTRIC] MICREL[Micrel Semiconductor]
|
SMH4042G-AGM SMH4042G-AGN SMH4042G-BGM SMH4042G-BG |
Hot Swap??Controller Hot Swap Controller Hot Swap?/a> Controller XTAL PLAS SMT 13X5 4PAD XTAL PLAS SMT 12X4 4PAD XTAL MTL T/H HC49/U PCMCIA 16MBYTE 16MBYTE Hot SwapController ⑩热插拔控制 XTAL MTL SMT HC49/USM ⑩热插拔控制
|
Summit Microelectronics, Inc. Electronic Theatre Controls, Inc.
|
HIP1011A FN4631 |
Controller, PCI Hot Plug, 5/ 3.3/ 12/-12VDC , Adjustable Overcurrent, with Adjustable Trip Delay to Latchoff From old datasheet system PCI Hot Plug Controller
|
Intersil
|
LTC4215CUFD-1TR LTC4215CUFD-1PBF LTC4215IUFD-1TR L |
Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24 Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ADC-00304-302 ADC-00304-102 ADC-00306-112 ADC-0030 |
Ultralow Voltage Hot Swap Controller; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C Analog-to-Digital Converter12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Analog-to-Digital Converter??? 12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C
|
热切电源分布
|
IOP480-AA60PI IOP480-AA66BI IOP480-AA60BI |
PCI BUS CONTROLLER, PQFP208 30.80 X 30.80 MM, PLASTIC, QFP-208 PCI BUS CONTROLLER, PBGA225 27 X 27 MM, 2.65 MM HEIGHT, PLASTIC, BGA-225
|
PLX Technology, Inc.
|
LTC1642-15 |
Hot Swap Controller
|
Linear Technology
|
LTC1421CG LTC1421CSW LTC1421 |
Hot Swap Controller
|
Linear Technology
|
ADM4210 |
Hot Swap Controller
|
Analog Devices
|